PART |
Description |
Maker |
CQ92BT CQ92NT CQ92DT CQ92MT |
Leaded Thyristor TRIAC Triac 12 Amp, 600 Volt Triac Chip TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
CQ39BS CQ39MS CQ39DS CQ39NS |
Leaded Thyristor TRIAC TRIAC 4.0 AMP, 200 THRU 800 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
CQ92-2M CQ92-2N |
TRIAC 2.0 AMP, 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
CQ220-12B CQ220-12D CQ220-12M CQ220-12N |
Leaded Thyristor TRIAC 12 AMP TRIAC 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 12 AMP TRIAC 400 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 12 AMP TRIAC 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
CQ202-4DS-2 CQ202-4MS-2 CQ202-4NS-2 |
Leaded Thyristor TRIAC
|
Central Semiconductor
|
MAC4DSM MAC4DSMT4 MAC4DSM-001 MAC4DSN MAC4DSN-001 |
Thyristor TRIAC,4A Thyristor TRIAC 4A SILICON BIDIRECTIONAL THYRISTORS
|
ON Semiconductor
|
DTB12E DTB8F DTB12G DTB16G DTA16G DTB16F DTB8E DTB |
TRIAC|500V V(DRM)|10A I(T)RMS|TO-220 可控硅| 500V五(DRM)的| 10A条口(T)的有效值|20 TRIAC|200V V(DRM)|10A I(T)RMS|TO-220 可控硅| 200伏五(DRM)的| 10A条口(T)的有效值|20 TRIAC|400V V(DRM)|8A I(T)RMS|TO-220 可控硅| 400V五(DRM)的| 8A条口(T)的有效值|20 THYRISTOR MODULE|TRIAC 晶闸管模块|可控 TRIAC|600V V(DRM)|16A I(T)RMS|TO-220 TRIAC|600V V(DRM)|12A I(T)RMS|TO-220 TRIAC|500V V(DRM)|8A I(T)RMS|TO-220 TRIAC|400V V(DRM)|12A I(T)RMS|TO-220
|
Won-Top Electronics Co., Ltd. ON Semiconductor
|
Q4008R455 Q4X8E373 Q4X8E373AP Q4015R552 Q4015R553 |
400 V, 8 A, TRIAC, TO-220AB 400 V, 0.8 A, TRIAC, TO-92 400 V, 15 A, TRIAC, TO-220AB 500 V, 4 A, TRIAC, TO-202AB 800 V, 4 A, TRIAC, TO-220AB 800 V, 10 A, TRIAC, TO-220AB 200 V, 8 A, TRIAC 200 V, 10 A, TRIAC
|
|
STK11C68-W30 STK11C68-W45 STK11C68-W45I STK11C68-C |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:8A; Holding Current:50mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:50mA; Current, It av:15A; Holding Current:70mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Package/Case:TO-3; Current, It av:25A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:25mA; Package/Case:V-PAK; Current, It av:4A; Holding Current:30mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Current, It av:8A; Gate Trigger Current Max, Igt:35mA; Holding Current:35mA RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc.
|
AC05DJM AC05DJM-Z AC05FJM-Z AC05FJM |
5A molded TRIAC (AC05DJM / AC05FJM) 5 A MOLD TRIAC 5 A MOLD TRIAC 5的模具可控硅
|
NEC Electronics NEC[NEC] NEC, Corp.
|
FODM302 FODM3022 FODM30XX FODM3053R1NL FODM3023R1 |
400V Random Phase Triac Driver 5mA; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 600V Random Phase Triac Driver 5mA 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
|
Fairchild Semiconductor, Corp.
|
STK11C68-5S30 STK11C68-5S45 STK11C68-5S25 STK11C68 |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:8A; Gate Trigger Current Max, Igt:35mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Package/Case:V-PAK; Current, It av:8A; Gate Trigger Current Max, Igt:35mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Package/Case:D-PAK; Current, It av:8A; Gate Trigger Current Max, Igt:35mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Holding Current:50mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:8A; Holding Current:50mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218; Current, It av:40A; Gate Trigger Current Max, Igt:100mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Package/Case:V-PAK; Current, It av:6A; Gate Trigger Current Max, Igt:35mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Holding Current:50mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:6A; Gate Trigger Current Max, Igt:35mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-220; Current, It av:25A; Gate Trigger Current Max, Igt:80mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Package/Case:TO-3; Current, It av:25A; Holding Current:50mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-218; Current, It av:25A; Gate Trigger Current Max, Igt:80mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:80mA; Current, It av:25A; Gate Trigger Current Max, Igt:80mA; Holding Current:100mA RoHS Compliant: Yes NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
|